PART |
Description |
Maker |
35CGQ045 35CGQ045-15 |
35A 45V Hi-Rel Schottky Common Cathode Diode in a TO-254AA package SCHOTTKY RECTIFIER 肖特基整流器
|
IRF[International Rectifier] International Rectifier, Corp.
|
OM4411SR OM4411ST |
20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 20A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
60CIQ045 60CIQ045-15 |
SCHOTTKY RECTIFIER 45A 45V Hi-Rel Schottky Common Cathode Diode in a TO-259AA package
|
IRF[International Rectifier]
|
30SCLJQ045 |
30A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
16SCYQ045CSCS |
16A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package
|
International Rectifier
|
OM4212SM |
10A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-3 package ISOLATED SURFACE MOUNT POWER SCHOTTKY CENTER-TAP RECTIFIER
|
IRF[International Rectifier]
|
15JGQ100 |
35A 100V Hi-Rel Schottky Common Anode Diode in a TO-254AA package DLA Number 1N7043CAT1
|
International Rectifier
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
30CLJQ045SCS |
30A 45V Hi-Rel Schottky Common Cathode Diode in a Metallic Lid SMD-0.5 package DLA Number 1N7064CCU3
|
International Rectifier
|
10YQ045C |
10A 45V Hi-Rel Schottky Discrete Diode in a TO-257AA package
|
International Rectifier
|
MBRB2045CTTRL MBRB2045CTTRR MBR2045CT-1 MBR2035CT- |
45V 20A Schottky Common Cathode Diode in a D2-Pak package 45V 20A Schottky Common Cathode Diode in a TO-262 package 35V 20A Schottky Common Cathode Diode in a TO-262 package
|
International Rectifier
|